Part Number Hot Search : 
RATION PH103 OV7251 1N4001 S7241 PB4006 S6X8BS 24VDC
Product Description
Full Text Search
 

To Download HI117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hi-sincerity microelectronics corp. spec. no. : he9031 issued date : 1998.07.01 revised date : 2001.09.14 page no. : 1/4 HI117 hsmc product specification HI117 pnp epitaxial planar transistor description the HI117 is designed for use in general purpose amplifier and low-speed switching applications. absolute maximum ratings (ta=25 c) ? maximum temperatures storage temperature .......................................................................................................... - 55 ~ +150 c junction temperature .................................................................................................. +150 c maximum ? maximum power dissipation total power dissipation (tc=25 c) ................................................................................................... 25 w ? maximum voltages and currents bvcbo collector to base voltage ................................................................................................ .. -100 v bvceo collector to emitter voltage............................................................................................. .. -100 v bvebo emitter to base voltage .................................................................................................. ....... -5 v ic collector current (continue) ................................................................................................ .......... -4 a ic collector current (peak) .................................................................................................... ............ -6 a characteristics (ta=25 c) symbol min. typ. max. unit test conditions bvcbo -100 - - v ic=-1ma bvceo -100 - - v ic=-30ma icbo - - -1 ma vcb=-100v iceo - - -2 ma vce=-50v iebo - - -2 ma veb=-5v *vce(sat) - - -2.5 v ic=-2a, ib=-8ma *vbe(on) - - -2.8 v ic=-2a, vce=-4v *hfe1 1 - - k ic=-1a, vce=-4v *hfe2 500 - - ic=-2a, vce=-4v cob - - 200 pf vcb=-10v, f=0.1mhz *pulse test : pulse width 380us, duty cycle 2% darlington schematic r2 r1 c e b
hi-sincerity microelectronics corp. spec. no. : he9031 issued date : 1998.07.01 revised date : 2001.09.14 page no. : 2/4 HI117 hsmc product specification characteristics curve capacitance & reverse-biased voltage 10 100 1000 0.1 1 10 100 reverse-biased voltage (v) capacitance (pf) cob switching time & collector current 0.1 1 10 110 collector current (a) switching time (us) v cc =30v, i c =250i b1 =-250i b2 tstg tf ton current gain & collector current 1 10 100 1000 10000 1 10 100 1000 10000 collector current-i c (ma) hfe hfe @ v ce =3 v hfe @ v ce =4v saturation voltage & collector current 100 1000 10000 100000 100 1000 10000 collector current-i c (ma) saturation voltage (mv) v ce(sat) @ i c =250i b v ce(sat) @ i c =100i b saturation voltage & collector current 100 1000 10000 100 1000 10000 collector current-i c (ma) saturation voltage (mv) v be(sat) @ i c =100i b v be(sat) @ i c =250i b on voltage & collector current 100 1000 10000 1 10 100 1000 10000 collector current-i c (ma) on voltage (mv) v be(on) @ v ce =3v v be(on) @ v ce =4v
hi-sincerity microelectronics corp. spec. no. : he9031 issued date : 1998.07.01 revised date : 2001.09.14 page no. : 3/4 HI117 hsmc product specification safe operating area 1 10 100 1000 10000 1 10 100 forward voltage-v ce (v) collector current-i c (ma) p t =1ms p t =100ms p t =1s
hi-sincerity microelectronics corp. spec. no. : he9031 issued date : 1998.07.01 revised date : 2001.09.14 page no. : 4/4 HI117 hsmc product specification to-251 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.0177 0.0217 0.45 0.55 g 0.2559 - 6.50 - b 0.0354 0.0591 0.90 1.50 h - *0.1811 - *4.60 c 0.0177 0.0236 0.45 0.60 i - 0.0354 - 0.90 d 0.0866 0.0945 2.20 2.40 j - 0.0315 - 0.80 e 0.2520 0.2677 6.40 6.80 k 0.2047 0.2165 5.20 5.50 f 0.2677 0.2835 6.80 7.20 notes : 1.dimension and tolerance based on our spec. dated may. 24,1995. 2.controlling dimension : millimeters. 3.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.if there is any question with packing s pecification or packing method, please c ontact your local hsmc sales office. material : ? lead : 42 alloy ; solder plating ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of hsmc. ? hsmc reserves the right to make changes to its products without notice. ? hsmc semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? hsmc assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance. head office and factory : ? head office (hi-sincerity microelectronics corp.) : 10f.,no. 61, sec. 2, chung-shan n. rd. taipei taiwan r.o.c. tel : 886-2-25212056 fax : 886-2-25632712, 25368454 ? factory 1 : no. 38, kuang fu s. rd., fu-kou hsin-chu industrial park hsin-chu taiwan. r.o.c tel : 886-3-5983621~5 fax : 886-3-5982931 a e f g h j i 3 2 1 k c d b style : pin 1.base 2.collector 3.emitter 3-lead to-251 plastic package hsmc packa g e code : i marking: date code ink mark 2 17 hi control code


▲Up To Search▲   

 
Price & Availability of HI117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X